Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z86L71 Fiches technique(PDF) 37 Page - Zilog, Inc.

No de pièce Z86L71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 Fiches technique(HTML) 37 Page - Zilog, Inc.

Back Button Z86L71 Datasheet HTML 33Page - Zilog, Inc. Z86L71 Datasheet HTML 34Page - Zilog, Inc. Z86L71 Datasheet HTML 35Page - Zilog, Inc. Z86L71 Datasheet HTML 36Page - Zilog, Inc. Z86L71 Datasheet HTML 37Page - Zilog, Inc. Z86L71 Datasheet HTML 38Page - Zilog, Inc. Z86L71 Datasheet HTML 39Page - Zilog, Inc. Z86L71 Datasheet HTML 40Page - Zilog, Inc. Z86L71 Datasheet HTML 41Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
Z86L70/71/75/C71
Zilog
IR/Low-Voltage Microcontroller
DS97LVO0500
P R E L I M I N A R Y
1-37
1
To Terminate Ping-Pong Mode
Change Transmit Mode to Normal Mode (CTR1 D2, D3).
Notice that Ping-Pong Mode is not actually stopped until
one of the timer/counter's time-out. Before the actual ter-
mination of Ping-Pong Mode, the user should not change
the value of CTR0 or CTR2, except for resetting the time-
out status bit. Here is an example for terminating Ping-
Pong Mode safely:
or
CTR0,#%20
;reset T8 time-out status bit
loop_a:
tm
CTR0,#%20
jr
z,loop_a
;wait until T8 times-out
Id
CTR1,#00000000b
;change to Normal Mode
or
CTR2,#%20
;reset T16 time-out status bit
loop_b:
tm
CTR2,#%20
jr
z,loop_b
;wait until T16 times-out
;now Ping-Pong Mode is actually
Id
CTR0,#00100000b
;terminated and user can re-program T8
Id
CTR2,#00100000b
;and T16
Figure 28. T8_OUT and T16_OUT in Ping-Pong Mode
TC8H
Enable T8,
T8_OUT Switches
To Its Initial Value
TC16H*256+TC16L
T16_OUT Toggles
T8_OUT
TC8H
TC16H*256+TC16L
T16_OUT
T16_OUT
T16_OUT Switches To Its Initial
Value When TC16 Is Enabled
T8_OUT Toggles
T8_OUT Toggles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61