Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z86L71 Fiches technique(PDF) 39 Page - Zilog, Inc.

No de pièce Z86L71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 Fiches technique(HTML) 39 Page - Zilog, Inc.

Back Button Z86L71 Datasheet HTML 35Page - Zilog, Inc. Z86L71 Datasheet HTML 36Page - Zilog, Inc. Z86L71 Datasheet HTML 37Page - Zilog, Inc. Z86L71 Datasheet HTML 38Page - Zilog, Inc. Z86L71 Datasheet HTML 39Page - Zilog, Inc. Z86L71 Datasheet HTML 40Page - Zilog, Inc. Z86L71 Datasheet HTML 41Page - Zilog, Inc. Z86L71 Datasheet HTML 42Page - Zilog, Inc. Z86L71 Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
Z86L70/71/75/C71
Zilog
IR/Low-Voltage Microcontroller
DS97LVO0500
P R E L I M I N A R Y
1-39
1
Interrupts. The Z86L7X has five different interrupts. The
interrupts are maskable and prioritized (Figure 30). The
five sources are divided as follows: three sources are
claimed by Port 3 lines P33-P31, the remaining two by the
counter/timers (Table 3). The Interrupt Mask Register glo-
bally or individually enables or disables the five interrupt
requests.
Figure 30. Interrupt Block Diagram
Interrupt
Edge
Select
IRQ Register (D6, D7)
IRQ 1, 3, 4
IRQ
IMR
IPR
Priority
Logic
5
Vector Select
IRQ0
IRQ2
Global
Interrupt
Enable
Interrupt
Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61