Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z86L71 Fiches technique(PDF) 54 Page - Zilog, Inc.

No de pièce Z86L71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 Fiches technique(HTML) 54 Page - Zilog, Inc.

Back Button Z86L71 Datasheet HTML 50Page - Zilog, Inc. Z86L71 Datasheet HTML 51Page - Zilog, Inc. Z86L71 Datasheet HTML 52Page - Zilog, Inc. Z86L71 Datasheet HTML 53Page - Zilog, Inc. Z86L71 Datasheet HTML 54Page - Zilog, Inc. Z86L71 Datasheet HTML 55Page - Zilog, Inc. Z86L71 Datasheet HTML 56Page - Zilog, Inc. Z86L71 Datasheet HTML 57Page - Zilog, Inc. Z86L71 Datasheet HTML 58Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 61 page
background image
Z86L70/71/75/C71
IR/Low-Voltage Microcontroller
Zilog
1-54
P R E L I M I N A R Y
DS97LVO0500
EXPANDED REGISTER FILE CONTROL REGISTERS (0D) (Continued)
Figure 43. Stop-Mode Recovery Register
((F) 0BH: D6-D0 = Write Only, D7 = Read Only)
D7
D6
D5
D4
D3
D2
D1
D0
SMR (F) 0B
SCLK/TCLK Divide-by-16
0 OFF
1 ON
Reserved (Must be 0)
Stop-Mode Recovery Source
000
001
010
011
100
101
11 0
111
Stop Delay
0 OFF
1 ON
Reserved (Must be 0)
Stop Flag
0 POR
1 Stop Recovery**
* Default Setting After Reset
** Default Setting After Reset and Stop-Mode Recovery
**
*
*
POR Only
Reserved
P31
P32
P33
P27
P2 NOR 0-3
P2 NOR 0-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61