Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11693H Fiches technique(PDF) 20 Page - ON Semiconductor

No de pièce LB11693H
Description  3-Phase Brushless Motor Driver for 24V Fan Motors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11693H Fiches technique(HTML) 20 Page - ON Semiconductor

Back Button LB11693H Datasheet HTML 16Page - ON Semiconductor LB11693H Datasheet HTML 17Page - ON Semiconductor LB11693H Datasheet HTML 18Page - ON Semiconductor LB11693H Datasheet HTML 19Page - ON Semiconductor LB11693H Datasheet HTML 20Page - ON Semiconductor LB11693H Datasheet HTML 21Page - ON Semiconductor LB11693H Datasheet HTML 22Page - ON Semiconductor LB11693H Datasheet HTML 23Page - ON Semiconductor LB11693H Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LB11693H
No.A0287-20/24
VOL(FG), IL(FG)
IFGFIL1, IFGFIL2
After power is first applied, set VIN1 to 3V and VIN2 to 2V.
Set the switch SW to position 1 and measure VOL(FG).
Then set VIN1 to 2V and VIN2 to 3V.
Set the switch SW to position 2 and measure IL(FG).
When measuring IFGFIL1, set VIN1 = 3V, VIN2 = 2V, and VFGIL from 0.5 to 2.0V.
When measuring IFGFIL2, set VIN1 = 2V, VIN2 = 3V, and VFGIL from 3.5 to 2.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com