Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11693H Fiches technique(PDF) 14 Page - ON Semiconductor

No de pièce LB11693H
Description  3-Phase Brushless Motor Driver for 24V Fan Motors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11693H Fiches technique(HTML) 14 Page - ON Semiconductor

Back Button LB11693H Datasheet HTML 10Page - ON Semiconductor LB11693H Datasheet HTML 11Page - ON Semiconductor LB11693H Datasheet HTML 12Page - ON Semiconductor LB11693H Datasheet HTML 13Page - ON Semiconductor LB11693H Datasheet HTML 14Page - ON Semiconductor LB11693H Datasheet HTML 15Page - ON Semiconductor LB11693H Datasheet HTML 16Page - ON Semiconductor LB11693H Datasheet HTML 17Page - ON Semiconductor LB11693H Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LB11693H
No.A0287-14/24
IOleak
VD1, VD2(EX, OUT1)
After setting the logic state so that the high and low side output
transistors for the corresponding phase are in the off state,
proceed to the measurement itself.
Set the switch SW to position 1 for source transistor leakage
measurement, and to position for sink transistor leakage
measurement.
The figure shows the circuit used for measuring OUT3.
Use similar circuits for measurement of the other phases.
Input the logic states shown in the table so that the output transistor
for the corresponding phase is off.
Set IO to 0.7A when measuring VD1.
Set IO to 1.5A when measuring VD2.
The figure shows the circuit used for measuring OUT1. Use similar
circuits for measurement of the other phases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com