Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11693H Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce LB11693H
Description  3-Phase Brushless Motor Driver for 24V Fan Motors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11693H Fiches technique(HTML) 5 Page - ON Semiconductor

  LB11693H Datasheet HTML 1Page - ON Semiconductor LB11693H Datasheet HTML 2Page - ON Semiconductor LB11693H Datasheet HTML 3Page - ON Semiconductor LB11693H Datasheet HTML 4Page - ON Semiconductor LB11693H Datasheet HTML 5Page - ON Semiconductor LB11693H Datasheet HTML 6Page - ON Semiconductor LB11693H Datasheet HTML 7Page - ON Semiconductor LB11693H Datasheet HTML 8Page - ON Semiconductor LB11693H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LB11693H
No.A0287-5/24
Pin Function
Pin No.
Symbol
Description
Equivalent circuit
34
36
2
OUT1
OUT2
OUT3
Motor drive output
4
GND2
Motor drive output system ground
7
VD
Low side output transistor drive current supply
9
VM
Motor drive output power supply and output
current detection.
Connect a resistor (Rf) between this pin and VCC.
The output current is limited to a value determined
by the equation IOUT = VRF/Rf.
8
VCC
Power supply (Systems other than the motor drive
output)
10
VREG
5V regulator output
(control circuit power supply).
Connect a capacitor (about 0.1µF) between this
pin and ground for stabilization.
11
LVS
Undervoltage protection voltage detection.
Connect this pin to VREG if the VREG level is to
be detected.
If the VCC level is to be detected, insert a zener
diode in series to set the detection level.
12
FGFIL
FG filter.
Normally, this IC will be used with this pin open.
Connect a capacitor between this pin and ground
if noise on the FG signal becomes a problem.
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com