Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11693H Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce LB11693H
Description  3-Phase Brushless Motor Driver for 24V Fan Motors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11693H Fiches technique(HTML) 1 Page - ON Semiconductor

  LB11693H Datasheet HTML 1Page - ON Semiconductor LB11693H Datasheet HTML 2Page - ON Semiconductor LB11693H Datasheet HTML 3Page - ON Semiconductor LB11693H Datasheet HTML 4Page - ON Semiconductor LB11693H Datasheet HTML 5Page - ON Semiconductor LB11693H Datasheet HTML 6Page - ON Semiconductor LB11693H Datasheet HTML 7Page - ON Semiconductor LB11693H Datasheet HTML 8Page - ON Semiconductor LB11693H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
92706 / 21306 MS OT 20051228-S00001 No.A0287-1/24
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
LB11693H
Overview
The LB11693H reduces motor noise by imparting a slope to the output current when switching the phase to which
power
is applied. This motor driver includes an automatic recovery constraint protection circuit and is optimal for driving 24V
fan motors.
Functions
• Soft phase switching + direct PWM drive
• PWM control based on both a DC voltage input (the CTL voltage) and a pulse input
• Provides a 5 V regulator output
• One Hall-effect sensor FG output
• Integrating amplifier
• Automatic recovery constraint protection circuit (on/off = 1/14), RD output
• Current limiter circuit
• LVSD circuit
• Thermal protection circuit
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range
VCC max
30
V
Output current
IO max
T
≤ 500mS
1.8
A
Allowable power dissipation 1
Pd max1
Independent IC
0.9
W
Allowable power dissipation 2
Pd max2
When mounted on a circuit board *
2.1
W
Operating temperature
Topr
-30 to +100
°C
Storage temperature
Tstg
-55 to +150
°C
*: On the specified circuit board (114.3mm
×76.1mm×1.6mm, glass epoxy)
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage rang
VCC
9.5 to 28
V
Constant voltage output current
IREG
0 to -30
mA
RD output current
IRD
0 to 10
mA
FG output current
IFG
0 to 10
mA
Ordering number : ENA0287
Monolithic Digital IC
3-Phase Brushless Motor Driver
for 24V Fan Motors
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Numéro de pièce similaire - LB11693H

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11693H SANYO-LB11693H Datasheet
915Kb / 24P
Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
More results

Description similaire - LB11693H

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11693 SANYO-LB11693 Datasheet
129Kb / 12P
Three-Phase Brushless Motor Driver for 24 V Fan Motors
LB11693H SANYO-LB11693H Datasheet
915Kb / 24P
Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
LB1975 SANYO-LB1975_08 Datasheet
141Kb / 10P
For Fan Motor 3-phase Brushless Motor Driver
LB1976 SANYO-LB1976_08 Datasheet
141Kb / 10P
For Fan Motor 3-phase Brushless Motor Driver
LB1991V SANYO-LB1991V_09 Datasheet
135Kb / 7P
For Fan Motor 3-phase Brushless Motor Driver
LV8121V SANYO-LV8121V Datasheet
230Kb / 14P
For Fan Motor 3-phase Brushless Motor Driver
logo
Rohm
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
3-Phase Brushless Fan Motor Driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
3-Phase Brushless Fan Motor Driver
BM6241FS ROHM-BM6241FS Datasheet
2Mb / 27P
3-Phase Brushless Fan Motor Driver
BM6245FS ROHM-BM6245FS Datasheet
2Mb / 36P
3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com