Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ14203HTZX/NOPB Fiches technique(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMZ14203HTZX/NOPB
Description  SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203HTZX/NOPB Fiches technique(HTML) 22 Page - Texas Instruments

Back Button LMZ14203HTZX/NOPB Datasheet HTML 18Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 20Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 21Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 22Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 23Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 24Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 25Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
VIN
GND
VIN
VO
Cin1
CO1
Loop 1
Loop 2
LMZ14203H
VOUT
High
di/dt
LMZ14203H
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
Layout Guidelines (continued)
•
Stencil Thickness – 0.125 mm to 0.15 mm
•
Reflow - Refer to solder paste supplier recommendation and optimized per board size and density
•
Refer to AN Design Summary LMZ1xxx and LMZ2xxx Power Modules Family (SNAA214) for Reflow
information.
•
Maximum number of reflows allowed is one
Figure 48. Sample Reflow Profile
Table 1. Sample Reflow Profile Table
MAX TEMP
REACHED
TIME ABOVE
REACHED
TIME ABOVE
REACHED
TIME ABOVE
REACHED
PROBE
(°C)
MAX TEMP
235°C
235°C
245°C
245°C
260°C
260°C
1
242.5
6.58
0.49
6.39
0
–
0
–
2
242.5
7.1
0.55
6.31
0
7.1
0
–
3
241
7.09
0.42
6.44
0
–
0
–
10.2 Layout Example
Figure 49. Minimize Area of Current Loops in Buck Module
22
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14203H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com