Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ14203HTZX/NOPB Fiches technique(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMZ14203HTZX/NOPB
Description  SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203HTZX/NOPB Fiches technique(HTML) 12 Page - Texas Instruments

Back Button LMZ14203HTZX/NOPB Datasheet HTML 8Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 9Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 10Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 11Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 12Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 13Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 14Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 15Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
30
33
36
39
42
45
3.0
3.5
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
Fsw = 250kHz
Fsw = 400kHz
Fsw = 600kHz
200
300
400
500
600
700
800
0
1
2
3
4
5
6
SWITCHING FREQUENCY (kHz)
VIN = 30V
VIN = 36V
VIN = 42V
5
10
15
20
25
30
35
40
45
3.0
3.5
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
Fsw = 250kHz
Fsw = 400kHz
Fsw = 600kHz
200
300
400
500
600
700
800
0
1
2
3
4
5
6
SWITCHING FREQUENCY (kHz)
VIN = 15V
VIN = 24V
VIN = 36V
VIN = 42V
5
10
15
20
25
30
35
40
45
3.0
3.5
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
Fsw = 250kHz
Fsw = 400kHz
Fsw = 600kHz
200
300
400
500
600
700
800
0
1
2
3
4
5
6
SWITCHING FREQUENCY (kHz)
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 42V
LMZ14203H
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 24 V; Cin = 10-uF X7R Ceramic; CO = 47 uF; TA = 25°C.
Figure 37. Current Limit vs Input Voltage
Figure 38. Switching Frequency vs Power Dissipation
VOUT = 5 V
VOUT = 5 V
Figure 39. Current Limit vs Input Voltage
Figure 40. Switching Frequency vs Power Dissipation
VOUT = 12 V
VOUT = 12 V
Figure 41. Current Limit vs Input Voltage
Figure 42. Switching Frequency vs Power Dissipation
VOUT = 24 V
VOUT = 24 V
12
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14203H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com