Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ14203HTZX/NOPB Fiches technique(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMZ14203HTZX/NOPB
Description  SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203HTZX/NOPB Fiches technique(HTML) 18 Page - Texas Instruments

Back Button LMZ14203HTZX/NOPB Datasheet HTML 14Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 15Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 16Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 17Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 18Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 20Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 21Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
LMZ14203H
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
Typical Application (continued)
Use of a 4700-pF capacitor results in 0.5-ms soft-start duration. This is a recommended value. Note high values
of CSS capacitance will cause more output voltage droop when a load transient goes across the DCM-CCM
boundary. Use Equation 22 to find the DCM-CCM boundary load current for the specific operating condition. If a
fast load transient response is desired for steps between DCM and CCM mode the soft-start capacitor value
should be less than 0.018 µF.
Note the following conditions will reset the soft-start capacitor by discharging the SS input to ground with an
internal 200-
μA current sink:
•
The enable input being pulled low
•
Thermal shutdown condition
•
Overcurrent fault
•
Internal VINUVLO
8.2.2.1.4
Output Capacitor, CO, Selection
None of the required output capacitance is contained within the module. At a minimum, the output capacitor must
meet the worst-case RMS current rating of 0.5 × ILR P-P, as calculated in Equation 23. Beyond that, additional
capacitance will reduce output ripple so long as the ESR is low enough to permit it. A minimum value of 10
μF is
generally required. Experimentation will be required if attempting to operate with a minimum value. Low-ESR
capacitors, such as ceramic and polymer electrolytic capacitors are recommended.
8.2.2.1.4.1
Capacitance
Equation 6 provides a good first pass approximation of CO for load transient requirements:
CO≥ ISTEP × VFB × L × VIN/ (4 × VO × (VIN — VO) × VOUT-TRAN)
(6)
As an example, for 3-A load step, VIN = 24 V, VOUT = 12 V, VOUT-TRAN = 50 mV:
CO≥ 3 A × 0.8 V × 10 μH × 24 V / (4 x 12V ( 24 V – 12 V) × 50 mV)
(7)
CO≥ 20μF
(8)
8.2.2.1.4.2
ESR
The ESR of the output capacitor affects the output voltage ripple. High ESR will result in larger VOUT peak-to-
peak ripple voltage. Furthermore, high output voltage ripple caused by excessive ESR can trigger the
overvoltage protection monitored at the FB pin. The ESR should be chosen to satisfy the maximum desired VOUT
peak-to-peak ripple voltage and to avoid overvoltage protection during normal operation. The following equations
can be used:
ESRMAX-RIPPLE ≤ VOUT-RIPPLE / ILR P-P
where
•
ILR P-P is calculated using Equation 23.
(9)
ESRMAX-OVP < (VFB-OVP - VFB) / (ILR P-P × AFB )
where
•
AFB is the gain of the feedback network from VOUT to VFB at the switching frequency.
(10)
As worst-case, assume the gain of AFB with the CFF capacitor at the switching frequency is 1.
The selected capacitor should have sufficient voltage and RMS current rating. The RMS current through the
output capacitor is:
I(COUT(RMS)) = ILR P-P / √12
(11)
8.2.2.1.5
Input Capacitor, CIN, Selection
The LMZ14203H module contains an internal 0.47-µF input ceramic capacitor. Additional input capacitance is
required external to the module to handle the input ripple current of the application. This input capacitance should
be as close as possible to the module. Input capacitor selection is generally directed to satisfy the input ripple
current requirements rather than by capacitance value.
18
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14203H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com