Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ14203HTZX/NOPB Fiches technique(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMZ14203HTZX/NOPB
Description  SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203HTZX/NOPB Fiches technique(HTML) 19 Page - Texas Instruments

Back Button LMZ14203HTZX/NOPB Datasheet HTML 15Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 16Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 17Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 18Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 20Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 21Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 22Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
LMZ14203H
www.ti.com
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
Typical Application (continued)
Worst-case input ripple current rating is dictated by Equation 12.
I(CIN(RMS)) ≊ 1 / 2 × IO × √ (D / 1-D)
where
•
D
≊ VO / VIN
(12)
(As a point of reference, the worst-case ripple current will occur when the module is presented with full load
current and when VIN = 2 × VO).
Recommended minimum input capacitance is 10-uF X7R ceramic with a voltage rating at least 25% higher than
the maximum applied input voltage for the application. TI also recommends to pay attention to the voltage and
temperature deratings of the capacitor selected. It should be noted that ripple current rating of ceramic capacitors
may be missing from the capacitor data sheet and you may have to contact the capacitor manufacturer for this
rating.
If the system design requires a certain maximum value of input ripple voltage
ΔVIN to be maintained then
Equation 13 may be used.
CIN ≥ IO × D × (1–D) / fSW-CCM × ΔVIN
(13)
If
ΔVIN is 1% of VIN for a 24-V input to 12V output application this equals 240 mV and fSW = 400 kHz.
CIN≥ 3 A × 12 V/24 V × (1– 12 V/24 V) / (400000 × 0.240 V)
(14)
CIN≥ 7.8 μF
(15)
Additional bulk capacitance with higher ESR may be required to damp any resonant effects of the input
capacitance and parasitic inductance of the incoming supply lines.
8.2.2.1.6
ON-Time, RON, Resistor Selection
Many designs will begin with a desired switching frequency in mind. As seen in the Typical Characteristics
section, the best efficiency is achieved in the 300kHz-400kHz switching frequency range. Equation 16 can be
used to calculate the RON value.
fSW(CCM) ≊ VO / (1.3 × 10
-10 × R
ON)
(16)
This can be rearranged as
RON ≊ VO / (1.3 × 10
-10 × f
SW(CCM)
(17)
The selection of RON and fSW(CCM) must be confined by limitations in the ON-time and OFF-time for the COT
Control Circuit Overview section.
The ON-time of the LMZ14203H timer is determined by the resistor RON and the input voltage VIN. It is calculated
as follows:
tON = (1.3 × 10
-10 x R
ON) / VIN
(18)
The inverse relationship of tON and VIN gives a nearly constant switching frequency as VIN is varied. RON should
be selected such that the ON-time at maximum VIN is greater than 150 ns. The ON-timer has a limiter to ensure
a minimum of 150 ns for tON. This limits the maximum operating frequency, which is governed by Equation 19.
fSW(MAX) = VO / (VIN(MAX) × 150 ns)
(19)
This equation can be used to select RON if a certain operating frequency is desired so long as the minimum ON-
time of 150 ns is observed. The limit for RON can be calculated as follows:
RON ≥ VIN(MAX) × 150 nsec / (1.3 × 10
-10)
(20)
If RON calculated in Equation 17 is less than the minimum value determined in Equation 20, a lower frequency
should be selected. Alternatively, VIN(MAX) can also be limited in order to keep the frequency unchanged.
Additionally, the minimum OFF-time of 260 ns (typical) limits the maximum duty ratio. Larger RON (lower FSW)
should be selected in any application requiring large duty ratio.
8.2.2.1.6.1
Discontinuous Conduction and Continuous Conduction Mode Selection
Operating frequency in DCM can be calculated as follows:
fSW(DCM) ≊ VO × (VIN-1) × 10 μH × 1.18 × 10
20 × I
O / (VIN–VO) × RON
2
(21)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMZ14203H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com