Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BSP612P Fiches technique(PDF) 3 Page - Infineon Technologies AG

No de pièce BSP612P
Description  Enhancement mode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP612P Fiches technique(HTML) 3 Page - Infineon Technologies AG

  BSP612P Datasheet HTML 1Page - Infineon Technologies AG BSP612P Datasheet HTML 2Page - Infineon Technologies AG BSP612P Datasheet HTML 3Page - Infineon Technologies AG BSP612P Datasheet HTML 4Page - Infineon Technologies AG BSP612P Datasheet HTML 5Page - Infineon Technologies AG BSP612P Datasheet HTML 6Page - Infineon Technologies AG BSP612P Datasheet HTML 7Page - Infineon Technologies AG BSP612P Datasheet HTML 8Page - Infineon Technologies AG BSP612P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BSP612P
OptiMOS™-P Small-Signal-Transistor
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
2)
Input capacitance
C iss
-
814
1083
pF
Output capacitance
C oss
-
248
330
Reverse transfer capacitance
Crss
-
109
163
Turn-on delay time
t d(on)
-
8.3
12.5
ns
Rise time
t r
-
10.4
15.6
Turn-off delay time
t d(off)
-
43.2
64.8
Fall time
t f
-
11.3
17.0
Gate Charge Characteristics
2)
Gate to source charge
Q gs
-
-2.42
-3.2
nC
Gate to drain charge
Q gd
-
-10.1
-15.2
Gate charge total
Q g
-
-26.3
-39.4
Gate plateau voltage
V plateau
-
-3.1
-
V
Reverse Diode
Diode continous forward current
I S
-
-
-3.0
A
Diode pulse current
I S,pulse
-
-
-12
Diode forward voltage
V SD
V GS=0 V, I F=-3 A,
-
0.80
1.1
V
Reverse recovery time
2)
t rr
-
44.8
67.2
ns
Reverse recovery charge
2)
Q rr
-
62.9
94.4
nC
2) Defined by design. Not subjected to production test
V R=-30 V, I F=-3 A,
di F/dt =100 A/µs
T A=25 °C
Values
V GS=0 V, V DS=-25 V,
f =1 MHz
V DD=-30 V, V GS=-
10 V, I D=-3 A,
R G,ext=2.7 W
V DD=-48 V, I D=-3 A,
V GS=0 to -10 V
Rev 2.0
page 3
2015-10-07



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com