Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF65 Fiches technique(PDF) 71 Page - List of Unclassifed Manufacturers

No de pièce RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Fiches technique(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 68Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 69Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 70Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 71Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 72Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 71 / 72 page
background image
Page 71
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
9.2.2. Exiting Listen Mode
In the RF65 V2a, the following procedure was requested to exit Listen mode:
For all three ListenEnd settings (i.e. even for 00 and 01) disabling Listen mode can be done
anytime by writing all together in a single SPI write command (same register) :
Š ListenOn to 0
Š ListenAbort to 1
Mode to the wanted operation mode
Figure 40. Exiting Listen Mode in RF65 V2a
Listen mode can simply be exited on the RF65 V2b by resetting bit ListenOn to 0 in RegListen.
9.3. OOK Floor Threshold Default Setting
The following default value modification was required on the V2a silicon:
Figure 41. RegTestOok Description
It is not required to modify this register any more on the RF65 V2b.
9.4. AFC Control
The following differences are observed between silicon revisions V2a and V2b:
9.4.1. AfcAutoClearOn
On the RF65 V2a, it is required to manually clear AfcValue in RegAfcFei, when the device is in Rx mode.
AfcAutoClear function is fully functional on the silicon version V2b.
9.4.2. AfcLowBetaOn and LowBetaAfcOffset
Those two bits enable a functionality that was not available on the silicon version V2a.
9.5. ContinuousDagc
This register enables a functionnality that is only available in the silicon version V2c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72