Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF65 Fiches technique(PDF) 57 Page - List of Unclassifed Manufacturers

No de pièce RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Fiches technique(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 53Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 54Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 55Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 56Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 57Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 58Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 59Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 60Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
Page 57
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
RegListen2
(0x0E)
7-0
ListenCoefIdle
rw
0xf5
Duration of the Idle phase in Listen mode.
t
ListenIdle = ListenCoefIdle ⋅ ListenResolIdle
RegListen3
(0x0F)
7-0
ListenCoefRx
rw
0x20
Duration of the Rx phase in Listen mode (startup time
included, see section 4.2.1)
t
ListenRx = ListenCoefRx ⋅ ListenResolRx
RegVersion
(0x10)
7-0
Version
r
0x23
Version code of the chip. Bits 7-4 give the full revision
number; bits 3-0 give the metal mask revision number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72