Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF65 Fiches technique(PDF) 64 Page - List of Unclassifed Manufacturers

No de pièce RF65
Description  Low Power Integrated UHF Receiver With -120dBm High Sensitivity
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

RF65 Fiches technique(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button RF65 Datasheet HTML 60Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 61Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF65 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
Page 64
RF65
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
RegPacketConfig2
(0x3D)
7-4
InterPacketRxDelay
rw
0000
After PayloadReady occurred, defines the delay between
FIFO empty and the start of a new RSSI phase for next
packet. Must match the transmitter
‟s PA ramp-down time.
- Tdelay = 0 if InterpacketRxDelay >= 12
- Tdelay = (2InterpacketRxDelay) / BitRate otherwise
3
-
rw
0
unused
2
RestartRx
w
0
Forces the Receiver in WAIT mode, in Continuous Rx
mode.
Always reads 0.
1
AutoRxRestartOn
rw
1
Enables automatic Rx restart (RSSI phase) after
PayloadReady occurred and packet has been completely
read from FIFO:
0
→ Off. RestartRx can be used.
1
→ On. Rx auto. restart after InterPacketRxDelay.
0
AesOn
rw
0
Enable the AES decryption:
0
→ Off
1
→ On (payload limited to 66 bytes maximum)
RegAesKey1
(0x3E)
7-0
AesKey(127:120)
w
0x00
1st byte of cipher key (MSB byte)
RegAesKey2
(0x3F)
7-0
AesKey(119:112)
w
0x00
2nd byte of cipher key
RegAesKey3
(0x40)
7-0
AesKey(111:104)
w
0x00
3rd byte of cipher key
RegAesKey4
(0x41)
7-0
AesKey(103:96)
w
0x00
4th byte of cipher key
RegAesKey5
(0x42)
7-0
AesKey(95:88)
w
0x00
5th byte of cipher key
RegAesKey6
(0x43)
7-0
AesKey(87:80)
w
0x00
6th byte of cipher key
RegAesKey7
(0x44)
7-0
AesKey(79:72)
w
0x00
7th byte of cipher key
RegAesKey8
(0x45)
7-0
AesKey(71:64)
w
0x00
8th byte of cipher key
RegAesKey9
(0x46)
7-0
AesKey(63:56)
w
0x00
9th byte of cipher key
RegAesKey10
(0x47)
7-0
AesKey(55:48)
w
0x00
10th byte of cipher key
RegAesKey11
(0x48)
7-0
AesKey(47:40)
w
0x00
11th byte of cipher key
RegAesKey12
(0x49)
7-0
AesKey(39:32)
w
0x00
12th byte of cipher key
RegAesKey13
(0x4A)
7-0
AesKey(31:24)
w
0x00
13th byte of cipher key
RegAesKey14
(0x4B)
7-0
AesKey(23:16)
w
0x00
14th byte of cipher key
RegAesKey15
(0x4C)
7-0
AesKey(15:8)
w
0x00
15th byte of cipher key
RegAesKey16
(0x4D)
7-0
AesKey(7:0)
w
0x00
16th byte of cipher key (LSB byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72