| Moteur de recherche de fiches techniques de composants électroniques |
|
RF65 Fiches technique(PDF) 63 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RF65 Fiches technique(HTML) 63 Page - List of Unclassifed Manufacturers |
|
63 / 72 page ![]() Page 63 RF65 Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com ADVANCED COMMUNICATIONS & SENSING DATASHEET RegPacketConfig1 (0x37) 7 PacketFormat rw 0 Defines the packet format used: 0 → Fixed length 1 → Variable length 6-5 DcFree rw 00 Defines DC-free decoding performed: 00 → None (Off) 01 → Manchester 10 → Whitening 11 → reserved 4 CrcOn rw 1 Enables CRC check: 0 → Off 1 → On 3 CrcAutoClearOff rw 0 Defines the behavior of the packet handler when CRC check fails: 0 → Clear FIFO and restart new packet reception. No PayloadReady interrupt issued. 1 → Do not clear FIFO. PayloadReady interrupt issued. 2-1 AddressFiltering rw 00 Defines address based filtering in Rx: 00 → None (Off) 01 → Address field must match NodeAddress 10 → Must match NodeAddress or BroadcastAddress 11 → reserved 0 - rw 0 unused RegPayloadLength (0x38) 7-0 PayloadLength rw 0x40 If PacketFormat = 0 (fixed), payload length. If PacketFormat = 1 (variable), max length in Rx RegNodeAdrs (0x39) 7-0 NodeAddress rw 0x00 Node address used in address filtering. RegBroadcastAdrs (0x3A) 7-0 BroadcastAddress rw 0x00 Broadcast address used in address filtering. RegAutoModes (0x3B) 7-5 EnterCondition rw 000 Interrupt condition for entering the intermediate mode: 000 → None (AutoModes Off) 001 → Rising edge of FifoNotEmpty 010 → Rising edge of FifoLevel 011 → Rising edge of CrcOk 100 → Rising edge of PayloadReady 101 → Rising edge of SyncAddress 110 → Reserved 111 → Falling edge of FifoNotEmpty (i.e. FIFO empty) 4-2 ExitCondition rw 000 Interrupt condition for exiting the intermediate mode: 000 → None (AutoModes Off) 001 → Falling edge of FifoNotEmpty (i.e. FIFO empty) 010 → Rising edge of FifoLevel or Timeout 011 → Rising edge of CrcOk or Timeout 100 → Rising edge of PayloadReady or Timeout 101 → Rising edge of SyncAddress or Timeout 110 → Reserved 111 → Rising edge of Timeout 1-0 IntermediateMode rw 00 Intermediate mode: 00 → Sleep mode (SLEEP) 01 → Standby mode (STDBY) 10 → Receiver mode (RX) 11 → Reserved RegFifoThresh (0x3C) 7 - rw 1 * unused 6-0 FifoThreshold rw 0001111 Used to trigger FifoLevel interrupt. |