Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM49352 Fiches technique(PDF) 77 Page - Texas Instruments

No de pièce LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Fiches technique(HTML) 77 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 73Page - Texas Instruments LM49352 Datasheet HTML 74Page - Texas Instruments LM49352 Datasheet HTML 75Page - Texas Instruments LM49352 Datasheet HTML 76Page - Texas Instruments LM49352 Datasheet HTML 77Page - Texas Instruments LM49352 Datasheet HTML 78Page - Texas Instruments LM49352 Datasheet HTML 79Page - Texas Instruments LM49352 Datasheet HTML 80Page - Texas Instruments LM49352 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 106 page
background image
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Table 61. SOFTCLIP1 (0x90h) (continued)
Bits
Field
Description
4
SOFT_KNEE
If set, the audio compressor will automatically apply higher compression ratios to audio
signals higher than the threshold level. As the audio signal approaches levels higher than
the threshold, SOFT_KNEE will increase the compression RATIO. The highest
compression that the SOFT_KNEE algorithm will apply is the compression that is set by
RATIO.
Table 62. SOFTCLIP2 (0x91h)
Bits
Field
Description
4:0
RATIO
This sets the ratio at which the audio is compressed to when it passes beyond the
threshold. In SOFT_KNEE mode this is the final level of compression.
RATIO
Ratio
00000
1:1 (Bypass)
00001
1:1.2
00010
1:1.4
00011
1:1.7
00100
1:2.0
00101
1:2.4
00110
1:2.8
00111
1:3.4
01000
1:4.0
01001
1:4.7
01010
1:5.7
01011
1:6.7
01100
1:8.0
01101
1:9.5
01110
1:11.3
01111
1:13.5
10000
1:16.0
10001
1:19.0
10010
1:22.8
10011
1:27.0
10100
1:32.0
10101
1:37.9
10110
1:45.5
10111
1:53.9
11000
1:64.0
11001
1:75.0
11010
1:91.0
11011
1:108
11100
1:128
11101
1:152
11110
1:182
11111
1:215
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
77
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More