Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM49352 Fiches technique(PDF) 37 Page - Texas Instruments

No de pièce LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Fiches technique(HTML) 37 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 33Page - Texas Instruments LM49352 Datasheet HTML 34Page - Texas Instruments LM49352 Datasheet HTML 35Page - Texas Instruments LM49352 Datasheet HTML 36Page - Texas Instruments LM49352 Datasheet HTML 37Page - Texas Instruments LM49352 Datasheet HTML 38Page - Texas Instruments LM49352 Datasheet HTML 39Page - Texas Instruments LM49352 Datasheet HTML 40Page - Texas Instruments LM49352 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 106 page
background image
LM49352
www.ti.com
SNAS467E – MARCH 2009 – REVISED MARCH 2013
Table 10. PLL_M (0x04h)
Bits
Field
Description
6:0
PLL_M
This programs the PLL's M divider to divide from 1 to 64.
PLL_M
PLL Input Divider Value
000000
1
000001
1
000010
1.5
000011
2
000100
2.5
000101
3
—
—
1111101
63
1111110
63.5
1111111
64
Table 11. PLL_N (0x05h)
Bits
Field
Description
7:0
PLL_N
This programs the PLL N divider to divide from 1 to 250.
PLL_N
Feedback Divider Value
00000000 to 00001010
10
00001011
11
00001100
12
00001101
13
00001110
14
00001111
15
—
—
11111000
248
11111001
249
11111010 to 11111111
250
Table 12. PLL_N_MOD (0x06h)
Bits
Field
Description
4:0
PLL_N_MOD
This programs the sigma-delta modulator in the PLL.
PLL_N_MOD
Fractional Part of N
00000
0
00001
1/32
00010
2/32
00011
3/32
00100
4/32
00101
5/32
—
—
11101
20/32
11110
30/32
11111
31/32
5
PLL_P1[8]
This sets the MSB of the 1st P Divider on the PLL which is part of a standard half-cycle divider control.
6
PLL_P2[8]
This sets the MSB of the 2nd P Divider on PLL which is part of a standard half-cycle divider control.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More