Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM49352 Fiches technique(PDF) 58 Page - Texas Instruments

No de pièce LM49352
Description  Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM49352 Fiches technique(HTML) 58 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 54Page - Texas Instruments LM49352 Datasheet HTML 55Page - Texas Instruments LM49352 Datasheet HTML 56Page - Texas Instruments LM49352 Datasheet HTML 57Page - Texas Instruments LM49352 Datasheet HTML 58Page - Texas Instruments LM49352 Datasheet HTML 59Page - Texas Instruments LM49352 Datasheet HTML 60Page - Texas Instruments LM49352 Datasheet HTML 61Page - Texas Instruments LM49352 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 106 page
background image
LM49352
SNAS467E – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Table 42. TX_MODE (0x56h/x66h) (continued)
Bits
Field
Description
5:1
MSB_POSITION
This specifies the bit location of the MSB from the start of the frame (MSB Justified) or from the end of the
frame (LSB Justified).
MSB_POSITION
Description
00000
0(Left Justified/PCM Long)
00001
1(I2S/PCM Short)
00010
2
00011
3
00100
4
00101
5
00110
6
00111
7
01000
8
01001
9
01010
10
01011
11
01100
12
01101
13
01110
14
01111
15
10000
16
10001
17
10010
18
10011
19
10100
20
10101
21
10110
22
10111
23
11000
24
11001
25
11010
26
11011
27
11100
28
11101
29
11110
30
11111
31
6
COMPAND
If set, audio data will be companded.
7
μLaw/A-Law
This sets the audio companding mode.
μLaw/A-Law
Compand Mode
0
μLaw
1
A-Law
58
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More