| Moteur de recherche de fiches techniques de composants électroniques |
|
LM49352 Fiches technique(PDF) 56 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM49352 Fiches technique(HTML) 56 Page - Texas Instruments |
|
56 / 106 page ![]() LM49352 SNAS467E – MARCH 2009 – REVISED MARCH 2013 www.ti.com Table 40. DATA_WIDTHS (0x54h/64h) (continued) Bits Field Description 5:3 TX_WIDTH This programs the bits per word of the serial data output SDO. TX_WIDTH Description 000 24 001 20 010 18 011 16 100 14 101 13 110 12 111 8 7:6 TX_EXTRA_BITS This programs the TX data output padding. TX_EXTRA_BITS Description 00 0 01 1 10 High-Z 11 High-Z Table 41. RX_MODE (0x55h/x65h) Bits Field Description 0 RX_MODE This sets the RX data input justification with respect to the SYNC signal. RX_MODE Description 0 MSB Justified 1 LSB Justified 56 Submit Documentation Feedback Copyright © 2009–2013, Texas Instruments Incorporated Product Folder Links: LM49352 |