Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD78P324LP Fiches technique(PDF) 77 Page - NEC

No de pièce UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Fiches technique(HTML) 77 Page - NEC

Back Button UPD78P324LP Datasheet HTML 72Page - NEC UPD78P324LP Datasheet HTML 73Page - NEC UPD78P324LP Datasheet HTML 74Page - NEC UPD78P324LP Datasheet HTML 75Page - NEC UPD78P324LP Datasheet HTML 76Page - NEC UPD78P324LP Datasheet HTML 77Page - NEC UPD78P324LP Datasheet HTML 78Page - NEC UPD78P324LP Datasheet HTML 79Page - NEC UPD78P324LP Datasheet HTML 80Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
µPD78P324, 78P324(A)
77
B.2
EVALUATION TOOLS
To evaluate the functions of the
µPD78P324, the following tools are made available.
Part Number
EB-78320-98
EB-78320-PC
Function
By connecting to a host machine, it is possible
to evaluate the functions equipped by the
µPD78P324 in a simple manner. The com-
mand system of this product basically
conforms to that of IE-78327-R and IE-78320-
R. Therefore, it is easy to move to the
development work of application systems by
IE-78327-R or IE-78320-R. In addition a turbo
access manager (
µPD71P301)Note can be
mounted on the board.
Note
The turbo access manager (
µPD71P301) is a maintenance product.
Cautions
1. This product is not a development tool of
µPD78P324 application systems.
2. This product is not equipped with the emulation function for executing the PROM incorporated
in the
µPD78P324.
B.3
EMBEDDED SOFTWARE
The following embedded software programs are available to perform program development and
maintenance more efficiently.
Eeal-time OS
Host Machine
PC-9800 series
IBM PC/AT or its compatible
machine
Real-time OS (RX78K/III)
The RX78K/III is designed to provide a multi-task environment in the field of control
application where real-time operation is required. By using this real-time OS, the
performance of the whole system can be improved by allocating CPU’s idle time to
other processings.
The RX78K/III provides the system call based on the
µITRON specifications.
The RX78K/III package provides tools (configurators) for creating RX78K/III’s nucleus
and multiple information table.
Host machine
PC-9800 series
IBM PC/AT and its
compatible
machine
Supply medium
3.5-inch 2HD
5-inch 2HD
3.5-inch 2HC
5-inch 2HC
Part number
µS5A13RX78320
µS5A10RX78320
µS7B13RX78320
µS7B10RX78320
OS
MS-DOS
PC DOS
Caution
To purchase the operating system above, you need to fill in a purchase application form beforehand
and sign a contract allowing you to use the software.
Remark
When using the real-time OS RX78K/III, you need the assembler package RA78K/III (optional) as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80