| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD78P324LP Fiches technique(PDF) 4 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD78P324LP Fiches technique(HTML) 4 Page - NEC |
|
4 / 80 page ![]() µPD78P324, 78P324(A) 4 PIN CONFIGURATION (Top View) (1) Normal operation mode (a) 74-pin plastic QFP(20 x 20 mm); 74-pin ceramic WQFN P43/AD3 P44/AD4 P45/AD5 P46/AD6 P47/AD7 P50/A8 P51/A9 P52/A10 P53/A11 P54/A12 P55/A13 NC P56/A14 P57/A15 VDD AVSS P70/AN0 P71/AN1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 P 0/RTP0 WDTO VSS NC X1 X2 RESET P85/TO11 P84/TO10 P83/TO03 P82/TO02 P81/TO01 P80/TO00 NC P34/SCK P33/SI/SB1 P32/SO/SB0 P31/RXD P30/TXD 57 56 Ø Caution As a measure against noise, please connect the NC pin to VSS. (It is also possible to leave this pin unconnected.) Remark Pin-compatible with µPD78324GJ. |