Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD78P324LP Fiches technique(PDF) 72 Page - NEC

No de pièce UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Fiches technique(HTML) 72 Page - NEC

Back Button UPD78P324LP Datasheet HTML 68Page - NEC UPD78P324LP Datasheet HTML 69Page - NEC UPD78P324LP Datasheet HTML 70Page - NEC UPD78P324LP Datasheet HTML 71Page - NEC UPD78P324LP Datasheet HTML 72Page - NEC UPD78P324LP Datasheet HTML 73Page - NEC UPD78P324LP Datasheet HTML 74Page - NEC UPD78P324LP Datasheet HTML 75Page - NEC UPD78P324LP Datasheet HTML 76Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
µPD78P324, 78P324(A)
72
Figure A-2. Recommended Pattern for Conversion Socket (EV-9200G-74)
Substrate Installation (Reference)
G
J
K
A
B
C
0.039
× 0.709=0.709
0.039
× 0.709=0.709
EV-9200G-74-P0
ITEM
MILLIMETERS
INCHES
A
B
C
D
E
F
G
H
I
J
K
25.7
21.0
21.0
25.7
11.00±0.08
5.00±0.08
0.6±0.02
2.36±0.03
1.57±0.03
1.012
0.827
0.827
1.012
0.433
0.197
0.024
0.093
0.062
1.0±0.02
× 18=18.0±0.05
1.0±0.02
× 18=18.0±0.05
φ
φ
+0.002
–0.001
+0.002
–0.003
+0.002
–0.001
+0.002
–0.003
+0.004
–0.003
+0.003
–0.004
+0.001
–0.002
φ
φ
+0.001
–0.002
+0.001
–0.002
Dimensions of mount pad for EV-9200 and that for target
device (QFP) may be different in some parts. For the
recommended mount pad dimensions for QFP, refer to
"SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY
MANUAL" (IEI-1207).
Caution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80