| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD78P324LP Fiches technique(PDF) 76 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD78P324LP Fiches technique(HTML) 76 Page - NEC |
|
76 / 80 page ![]() µPD78P324, 78P324(A) 76 Development Tool Configurations Note The socket is supplied with the emulation probe. Remarks 1. It is also possible to use the host machine and the PG-1500 by connecting them directly by the RS- 232-C. 2. In the diagram above, representative software supply media and 3.5-inch FDs. Host machine PC-9800 series IBM PC/AT or its compatible machine Software Relocatable assembler (With structured assembler) PG-1500 controller IE controller PD78P324GJ PD78P324LP PD78P324KD PD78P324KC PA-78P324GJ PA-78P324LP PA-78P324KC PA-78P324KD +++ Programmer adapters PROM-incorporated products RS-232-C IE-78327-R in-circuit emulator RS-232-C PG-1500 PROM programmer Emulation probes Socket for connecting the emulation probe and the target system EP-78320GJ-R EP-78320L-R EV-9200G-74 Socket for plastic QFJ Target system µ µ µ µ Note |