Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4316 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN4316
Description  Tuning a STMTouch-based application
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4316 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN4316 Datasheet HTML 18Page - STMicroelectronics AN4316 Datasheet HTML 19Page - STMicroelectronics AN4316 Datasheet HTML 20Page - STMicroelectronics AN4316 Datasheet HTML 21Page - STMicroelectronics AN4316 Datasheet HTML 22Page - STMicroelectronics AN4316 Datasheet HTML 23Page - STMicroelectronics AN4316 Datasheet HTML 24Page - STMicroelectronics AN4316 Datasheet HTML 25Page - STMicroelectronics AN4316 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
DocID024847 Rev 2
23/26
AN4316
Conclusion
25
8
Conclusion
In order to get the best performance for his STMTouch-based application, the designer must
tune it correctly. STMicroelectronics provides STM Studio, a free and easy tool to help
performing this task. It is important to have the thresholds and the debounce values set
according to the application environment. To get the best performance, the charge transfer
must be operated completely.
If you need to compare performances, keep in mind you must compare apples to apples and
this can only be done by performing your own tests according to your application
requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26