Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4316 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4316
Description  Tuning a STMTouch-based application
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4316 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4316 Datasheet HTML 9Page - STMicroelectronics AN4316 Datasheet HTML 10Page - STMicroelectronics AN4316 Datasheet HTML 11Page - STMicroelectronics AN4316 Datasheet HTML 12Page - STMicroelectronics AN4316 Datasheet HTML 13Page - STMicroelectronics AN4316 Datasheet HTML 14Page - STMicroelectronics AN4316 Datasheet HTML 15Page - STMicroelectronics AN4316 Datasheet HTML 16Page - STMicroelectronics AN4316 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DocID024847 Rev 2
13/26
AN4316
Tuning of the thresholds
25
If one of these thresholds must be greater than 255, the TSLPRM_COEFF_TH must be set
in order to bring the value in the correct range [0;255]. This is obtained by dividing all
thresholds, except the calibration threshold, by 2 to the power of TSLPRM_COEFF_TH. In
that case, the divided coefficients values (except for the calibration threshold) are the values
that need to be configured in the firmware. A compensation factor of 2 to the power of
TSLPRM_COEFF_TH will then be applied to all coefficients (except the calibration
threshold) by the firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26