Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4316 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN4316
Description  Tuning a STMTouch-based application
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4316 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN4316 Datasheet HTML 18Page - STMicroelectronics AN4316 Datasheet HTML 19Page - STMicroelectronics AN4316 Datasheet HTML 20Page - STMicroelectronics AN4316 Datasheet HTML 21Page - STMicroelectronics AN4316 Datasheet HTML 22Page - STMicroelectronics AN4316 Datasheet HTML 23Page - STMicroelectronics AN4316 Datasheet HTML 24Page - STMicroelectronics AN4316 Datasheet HTML 25Page - STMicroelectronics AN4316 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Performance comparison
AN4316
22/26
DocID024847 Rev 2
7
Performance comparison
In order to compare the performance of a whole touch sensing application, the usual
parameter is the Signal to Noise Ratio, well-known as SNR. But each company, each team
and even each engineer as its own method to compute it.
Here below we provide a way to compute it, but the designer must keep in mind that to get
correct results, he must compare apples to apples. So the test conditions and the method of
computation must be under control and reproductible else it is meaningless to compare two
results.
In the above equation:
•
“Signal” is the average of the delta measurements during a touch
•
“Noise” is the amplitude (delta max - delta min) without touch.
Figure 14. SNR computation
In order to make meaningful comparisons, the various SNR measurements must be
performed under similar test conditions.
The following parameters affect the results of the SNR:
•
hardware application i.e. layout, panel (dielectric, thickness, glue, ...), capacitance
value and quality, etc...
•
firmware application i.e. acquisition configuration (frequency, reference, ..), threshold
settings, etc...
•
test conditions i.e. object used to touch (standard test finger or genuine finger), way the
panel is touched (pressure, slope, ...), applied noise if any, etc...
SNR
Signal
Noise
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26