Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4316 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN4316
Description  Tuning a STMTouch-based application
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4316 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN4316 Datasheet HTML 5Page - STMicroelectronics AN4316 Datasheet HTML 6Page - STMicroelectronics AN4316 Datasheet HTML 7Page - STMicroelectronics AN4316 Datasheet HTML 8Page - STMicroelectronics AN4316 Datasheet HTML 9Page - STMicroelectronics AN4316 Datasheet HTML 10Page - STMicroelectronics AN4316 Datasheet HTML 11Page - STMicroelectronics AN4316 Datasheet HTML 12Page - STMicroelectronics AN4316 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DocID024847 Rev 2
9/26
AN4316
Monitoring STMTouch driver variables using STM Studio
25
Then, adjust the value range for each varviewer:
•
The Delta depends on the application sensitivity and can be positive or negative
•
The State varies from 0 to 19, for value meanings refer to TSL_StateId_enum_T in
tsl_types.h.
•
The reference depends on Cx/Cs
At this point, you have to connect the PC to your application with the selected binary code
downloaded in the microcontroller, through a USB cable and the appropriate hardware tool
(such as a ST-Link).
To start monitoring, click on the green arrow
or select the “Run/Start” menu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26