| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0970 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0970 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 30 page ![]() Extension connection UM0970 19/30 Doc ID 17693 Rev 2 4 Extension connection Male headers P1, P2 and P3 can connect the STM8L-DISCOVERY to a standard prototyping/wrapping board. All GPI/Os of STM8L152C6T6 are available on it. P1, P2 and P3 can also be probed by an oscilloscope, logical analyzer or voltmeter. Table 6. P1 pinout Pin number (P1) Pin number (STM8L) Board pin name Main function Alternate function LCD (U5) 1+3V3 3.3 V board power supplied or supply external application when USB connected 2 1 PA0 I/O Port A0 PA0/[USART1_CK](3)/ SWIM/BEEP/ IR_TIM (7) 3 9/40 GND Ground 4 2 PA1 I/O Reset NRST/PA1(1) 5 3 PA2 I/O Port A2 PA2/OSC_IN/ [USART1_TX](3)/ [SPI1_MISO] (3) 6 4 PA3 I/O Port A3 PA3/OSC_OUT/ [USART1 _RX](3)/ [SPI1_MOSI](3) 7 5 PA4 I/O Port A4 PA4/TIM2_BKIN/ LCD_COM0(2)/ ADC1_IN2/ COMP1_INP LCD_COM0 8 6 PA5 I/O Port A5 PA5/TIM3_BKIN/ LCD_COM1(2)/ ADC1_IN1/ COMP1_INP LCD_COM1 9 7 PA6 I/O Port A6 PA6/[ADC1_TRIG](3)/ LCD_COM2(2)/ ADC1_IN0/ COMP1_INP LCD_COM2 10 8 PA7 I/O Port A7 PA7/ LCD_SEG0(2)(4) LCD_SEG0 11 14 PE0 I/O Port E0 PE0(4)/ LCD_SEG1(2) LCD_SEG1 12 15 PE1 I/O Port E1 PE1/TIM1_CH2N / LCD_SEG2(2) LCD_SEG2 13 16 PE2 I/O Port E2 PE2/TIM1_CH3N / LCD_SEG3(2) LCD_SEG3 14 17 PE3 I/O Port E3 PE3/LCD_SEG4(2) LCD_SEG4 15 18 PE4 I/O Port E4 PE4/LCD_SEG5(2) LCD_SEG5 |