Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0970 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce UM0970
Description  STM8L-DISCOVERY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0970 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button UM0970 Datasheet HTML 7Page - STMicroelectronics UM0970 Datasheet HTML 8Page - STMicroelectronics UM0970 Datasheet HTML 9Page - STMicroelectronics UM0970 Datasheet HTML 10Page - STMicroelectronics UM0970 Datasheet HTML 11Page - STMicroelectronics UM0970 Datasheet HTML 12Page - STMicroelectronics UM0970 Datasheet HTML 13Page - STMicroelectronics UM0970 Datasheet HTML 14Page - STMicroelectronics UM0970 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
UM0970
Hardware and layout
Doc ID 17693 Rev 2
11/30
3.2
Embedded ST-Link
The ST-Link programming and debugging tool is integrated on the STM8L-DISCOVERY.
The embedded ST-Link can be used in 2 different ways according to the jumper states (see
Table 2):
●
to program/debug the MCU on board,
●
to program/debug an MCU in an external application board using a cable connected to
SWIM connector CN2.
For information about debugging and programming features refer to ST-Link UM0627.
Note:
UM0627 contains information about all the ST-Link features. Usage in this situation is
restricted to STM8 devices and SWIM support.
Figure 7.
Typical configuration
Table 2.
Jumper states
Jumper state
Description
Both CN3 jumpers ON
ST-Link functions enabled for on board programming (default)
Both CN3 jumpers OFF
ST-Link functions enabled for external application through CN2
connector (SWIM supported).
Hardware requirements:
- USB cable type A to mini-B
- Computer with Windows 2000, XP or Vista OS
Development toolchain:
- IAR, Embedded Workbench® for STM8L
- STMicroelectronics, ST Visual Develop (STVD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30