| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0925 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0925 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 22 page ![]() Using the data logger application UM0925 14/22 Doc ID17271 Rev 2 Meteorological pictograms The meteorological pictograms indicate the measured temperature trend (rising or falling temperatures). See Figure 12. Figure 12. Meteorological pictograms Number of acquisitions Number of acquisitions: Shows in real time how many temperature measurement values have been recorded. Figure 13. Number of acquisitions M24LR64-R datalogger system status This animated graphic displays the system state and the active communications interfaces (left: RF communication / right: I2C communication). Figure 14. M24LR64-R datalogger system status Note: As soon as acquisition mode starts, the start button changes into a stop button, which allows you to stop the acquisition at any time. |