Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0925 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce UM0925
Description  Using the M24LR64-R datalogger reference design
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0925 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button UM0925 Datasheet HTML 5Page - STMicroelectronics UM0925 Datasheet HTML 6Page - STMicroelectronics UM0925 Datasheet HTML 7Page - STMicroelectronics UM0925 Datasheet HTML 8Page - STMicroelectronics UM0925 Datasheet HTML 9Page - STMicroelectronics UM0925 Datasheet HTML 10Page - STMicroelectronics UM0925 Datasheet HTML 11Page - STMicroelectronics UM0925 Datasheet HTML 12Page - STMicroelectronics UM0925 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
UM0925
Getting started
Doc ID17271 Rev 2
9/22
If a problem occurs, a message box is displayed to indicate what the problem is:
●
If the development kit is used, the problem could be:
–
medium-range RF reader not plugged in the USB port
–
medium-range RF reader driver not installed
–
I2C bus reader not plugged in the USB port
–
I2C bus reader driver not installed
●
If the demo kit is used, the problem could be:
–
medium-range RF reader not plugged in the USB port
–
medium-range RF reader driver not installed
●
If the starter kit is used, the problem could be:
–
Short-range RF reader not plugged in the USB port
–
Short-range RF reader driver not installed
2.2
Main menu
When drivers have been installed correctly, and the selected reader has been connected to
the PC, the application main menu appears.
2.2.1
Data logger application menu
Use the menu at the top to start the data logger application.
See Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22