Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0925 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce UM0925
Description  Using the M24LR64-R datalogger reference design
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0925 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button UM0925 Datasheet HTML 7Page - STMicroelectronics UM0925 Datasheet HTML 8Page - STMicroelectronics UM0925 Datasheet HTML 9Page - STMicroelectronics UM0925 Datasheet HTML 10Page - STMicroelectronics UM0925 Datasheet HTML 11Page - STMicroelectronics UM0925 Datasheet HTML 12Page - STMicroelectronics UM0925 Datasheet HTML 13Page - STMicroelectronics UM0925 Datasheet HTML 14Page - STMicroelectronics UM0925 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
UM0925
Using the data logger application
Doc ID17271 Rev 2
11/22
3
Using the data logger application
3.1
Operating conditions
For the application to work properly, you must respect the following conditions:
●
When you perform the START, STOP or TRACE GRAPH functions, make sure that the
M24LR64-R datalogger is in the reader field as shown in Figure 8.
●
Once the acquisition has started, the M24LR64-R datalogger does not need to remain
within the reader field to acquire and save temperatures.
Figure 8.
Operating conditions
3.2
User interface
The first interface displayed when you launch the Data Logger application, is the main dialog
box shown in Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22