| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0925 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0925 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 22 page ![]() Using the data logger application UM0925 12/22 Doc ID17271 Rev 2 Figure 9. Main data logger application dialog box At this stage, the dialog box displays an illustration of the M24LR64-R datalogger and prompts you to select one of the following choices: ● Click on Start to send a RF condition to the data logger. Once the start condition has been sent, the M24LR64-R datalogger begins to acquire temperatures. See Figure 10. ● Click on Graph to read out the temperature data stored in the M24LR64-R datalogger and display it in a graph. See Figure 10 3.3 Data acquisition mode In this mode, the user interface display is modified: – Additional indicators and buttons appear – An animation starts on the M24LR64-R datalogger image |