| Moteur de recherche de fiches techniques de composants électroniques |
|
RM0312 Fiches technique(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0312 Fiches technique(HTML) 50 Page - STMicroelectronics |
|
50 / 275 page ![]() Interrupt controller (ITC) RM0312 50/275 DocID022352 Rev 3 5.9.2 Software priority register x (ITC_SPRx) Address offset: 0x00 to 0x07 Reset value: 0xFF 7654 3210 ITC_SPR1 Reserved VECT2SPR[1:0] VECT1SPR[1:0] Reserved ITC_SPR2 VECT7SPR[1:0] VECT6SPR[1:0] Reserved VECT4SPR[1:0] ITC_SPR3 VECT11SPR[1:0] VECT10SPR[1:0] VECT9SPR[1:0] VECT8SPR[1:0] ITC_SPR4 VECT15SPR[1:0] VECT14SPR[1:0] VECT13SPR[1:0] VECT12SPR[1:0] ITC_SPR5 VECT19SPR[1:0] Reserved Reserved Reserved ITC_SPR6 Reserved VECT22SPR[1:0] VECT21SPR[1:0] VECT20SPR[1:0] ITC_SPR7 VECT27SPR[1:0] VECT26SPR[1:0] VECT25SPR[1:0] Reserved ITC_SPR8 Reserved VECT29SPR[1:0] VECT28SPR[1:0] rw rw rw rw rw Bits 7:0 VECTxSPR[1:0]: Vector x software priority bits These eight read/write registers (ITC_SPR1 to ITC_SPR8) are written by software to define the software priority of each interrupt vector. The list of vectors is given in Table 10: Vector address map versus software priority bits. Refer to Section 5.9.1: CPU condition code register interrupt bits (CCR) for the values to be programmed for each priority. Reserved ITC_SPR8 bits 7:4 are forced to 1 by hardware. Note: It is forbidden to write 10 (priority level 0). If 10 is written, the previous value is kept and the interrupt priority remains unchanged. |