Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0312 Fiches technique(PDF) 55 Page - STMicroelectronics

No de pièce RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Fiches technique(HTML) 55 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 51Page - STMicroelectronics RM0312 Datasheet HTML 52Page - STMicroelectronics RM0312 Datasheet HTML 53Page - STMicroelectronics RM0312 Datasheet HTML 54Page - STMicroelectronics RM0312 Datasheet HTML 55Page - STMicroelectronics RM0312 Datasheet HTML 56Page - STMicroelectronics RM0312 Datasheet HTML 57Page - STMicroelectronics RM0312 Datasheet HTML 58Page - STMicroelectronics RM0312 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 275 page
background image
DocID022352 Rev 3
55/275
RM0312
Interrupt controller (ITC)
55
5.9.9
ITC and EXTI register map and reset values
Table 13. ITC and EXTI register map
Add.
offset
Register
name
76543210
ITC-SPR block(1)
1.
The address offsets are expressed for the ITC-SPR block base address (see Table CPU/SWIM/debug module/interrupt
controller registers in the datasheet).
0x00
ITC_SPR1
Reset value
-
1
-
1
VECT2
SPR1
1
VECT2
SPR0
1
VECT1
SPR1
1
VECT1
SPR0
1
-
1
-
1
0x01
ITC_SPR2
Reset value
VECT7
SPR1
1
VECT7
SPR0
1
VECT6
SPR1
1
VECT6
SPR0
1
-
1
-
1
VECT4
SPR1
1
VECT4
SPR0
1
0x02
ITC_SPR3
Reset value
VECT11
SPR1
1
VECT11
SPR0
1
VECT10
SPR1
1
VECT10
SPR0
1
VECT9
SPR1
1
VECT9
SPR0
1
VECT8
SPR1
1
VECT8
SPR0
1
0x03
ITC_SPR4
Reset value
VECT15
SPR1
1
VECT15
SPR0
1
VECT14
SPR1
1
VECT14
SPR0
1
VECT13
SPR1
1
VECT13
SPR0
1
VECT12
SPR1
1
VECT12
SPR0
1
0x04
ITC_SPR5
Reset value
VECT19
SPR1
1
VECT19
SPR0
1
-
1
-
1
-
1
-
1
-
1
-
1
0x05
ITC_SPR6
Reset value
-
1
-
1
VECT22
SPR1
1
VECT22
SPR0
1
VECT21
SPR1
1
VECT21
SPR0
1
VECT20
SPR1
1
VECT20
SPR0
1
0x06
ITC_SPR7
Reset value
VECT27
SPR1
1
VECT27
SPR0
1
VECT26
SPR1
1
VECT26
SPR0
1
VECT25
SPR1
1
VECT25
SPR0
1
-
1
-
1
0x07
ITC_SPR8
Reset value
-
1
-
1
-
1
-
1
VECT29
SPR1
1
VECT29
SPR0
1
VECT28
SPR1
1
VECT28
SPR0
1
ITC-EXTI block(2)
2.
The address offsets are expressed for the ITC-EXTI block base address (see Table General hardware register map in the
datasheet).
0x00
EXTI_CR1
Reset value
P3IS1
0
P3IS0
0
P2IS1
0
P2IS0
0
P1IS1
0
P1IS0
0
P0IS1
0
P0IS0
0
0x01
EXTI_CR2
Reset value
P7IS1
0
P7IS0
0
P6IS1
0
P6IS0
0
P5IS1
0
P5IS0
0
P4IS1
0
P4IS0
0
0x02
EXTI_CR3
Reset value
-
0
-
0
-
0
-
0
PDIS1
0
PDIS0
0
PBIS1
0
PBIS0
0
0x03
EXTI_SR1
Reset value
P7F
0
P6F
0
P5F
0
P4F
0
P3F
0
P2F
0
P1F
0
P0F
0
0x04
EXTI_SR2
Reset value
-
0
-
0
-
0
-
0
-
0
-
0
PDF
0
PBF
0
0x05
EXTI_CONF
Reset value
-
0
-
0
-
0
-
0
PDHIS
0
PDLIS
0
PBHIS
0
PBLIS
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More