| Moteur de recherche de fiches techniques de composants électroniques |
|
RM0312 Fiches technique(PDF) 266 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0312 Fiches technique(HTML) 266 Page - STMicroelectronics |
|
266 / 275 page ![]() ProxSense™ (PXS) RM0312 266/275 DocID022352 Rev 3 22.9.15 Receiver Inactive State Register for Rx[9:8] (PXS_RXINSRH) Address offset: 0x12 Reset value: 0x00 22.9.16 Receiver Inactive State Register for Rx[7:0] (PXS_RXINSRL) Address offset: 0x13 Reset value: 0x00 76543210 Reserved RXINS9 RXINS8 rw rw 76543210 RXINS7 RXINS6 RXINS5 RXINS4 RXINS3 RXINS2 RXINS1 RXINS0 rw rw rw rw rw rw rw rw Bits 15:10 Reserved Bits 9:0 RXINSn: Receiver channel n inactive state selection This bit is valid when the corresponding receiver channel is disabled (RXENn = 0). It also applies to a channel when the group (A or B) to which it belongs is not selected (for example, it applies to all Rx ‘B’ channels when RXGROUP = 0). 0: Receiver channel n is driven to VSS when disabled. 1: Receiver channel n is high impedance when disabled. |