Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0312 Fiches technique(PDF) 156 Page - STMicroelectronics

No de pièce RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Fiches technique(HTML) 156 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 152Page - STMicroelectronics RM0312 Datasheet HTML 153Page - STMicroelectronics RM0312 Datasheet HTML 154Page - STMicroelectronics RM0312 Datasheet HTML 155Page - STMicroelectronics RM0312 Datasheet HTML 156Page - STMicroelectronics RM0312 Datasheet HTML 157Page - STMicroelectronics RM0312 Datasheet HTML 158Page - STMicroelectronics RM0312 Datasheet HTML 159Page - STMicroelectronics RM0312 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 275 page
background image
16-bit general purpose timer (TIM2/TIM3)
RM0312
156/275
DocID022352 Rev 3
17.7.15
Auto-reload register high (TIMx_ARRH)
Address offset: 0x0E
Reset value: 0xFF
17.7.16
Auto-reload register low (TIMx_ARRL)
Address offset: 0x0F
Reset value: 0xFF
7
654
3210
ARR[15:8]
rw
Bits 7:0 ARR[15:8]: Autoreload value (MSB)
ARR is the value to be loaded in the actual auto-reload register.
Refer to the Section 17.3: TIMx time base unit on page 107 for more details about ARR update and
behavior.
The counter is blocked while the auto-reload value is 0.
7
654
3210
ARR[7:0]
rw
Bits 7:0 ARR[7:0]: Autoreload value (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More