| Moteur de recherche de fiches techniques de composants électroniques |
|
RM0312 Fiches technique(PDF) 122 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0312 Fiches technique(HTML) 122 Page - STMicroelectronics |
|
122 / 275 page ![]() 16-bit general purpose timer (TIM2/TIM3) RM0312 122/275 DocID022352 Rev 3 17.4.6 Synchronization from other timers The timers are linked together internally for timer synchronization or chaining. When one timer is configured in master mode, it can output a trigger (TRGO) to reset, start, stop or clock the counter of any other Timer configured in slave mode. Figure 40. Timer chaining system implementation example The following figure presents an overview of the trigger selection and the master mode selection blocks. Figure 41. Trigger/master mode selection blocks Trigger Controller TI1 TI2 ITR0 ITR3 TIM3_TRGO TIM3_CH1 TIM3_CH2 TIM 3 Trigger Controller TI1 TI2 ITR0 ITR2 TIM2_TRGO TIM2_CH1 TIM2_CH2 TIM 2 Trigger Controller ITR3 ITR2 TRGO TIM 4 TRGO from TIM4 TRGO from TIM3 TRGO from TIM2 TRGO from TIM3 TRGO from TIM4 TRGO from TIM2 ITR3 TI1F_ED ITR TRC TI1FP1 TI2FP2 From the Capture/ Compare block ETRF TRGI TIMx_SMCR TS[2:0] TRIGGER SELECTION BLOCK UG CNT_EN UEV MATCH1 OC1REF OC3REF OC3REF MASTER MODE SELECTION BLOCK MMS[2:0] TIMx_CR2 TRGO ITR2 TRGO from TIM3 TRGO from TIM2 ITR0 TRGO from TIM4 OC4REF |