| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0324 Fiches technique(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0324 Fiches technique(HTML) 46 Page - STMicroelectronics |
|
46 / 105 page ![]() Library functions UM0324 46/105 Case 2: DT+TN+TS < Phase A duty cycle < DT+TN+ 2TS + TH + TDMA In this case, only one of the two conversions can be performed between the two Phase A low side commutations. The other conversion is then synchronized depending on the difference of duty cycles between Phase B and A ( ΔDutyA-B). In particular if ΔDutyA-B <DT+TN+TS (as shown in the red circle in Figure 26), the sampling of Phase C cannot be performed between Phase B low side switching on and Phase A high side switching off (see Figure 27). Therefore, Phase C current sampling is performed before Phase B high side commutation. Figure 26. DT+TN+TS< Low side Phase A duty cycle < DT+TN+2TS+TH+TDMA and ΔDutyA-B<DT+TN+TS |