| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0324 Fiches technique(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0324 Fiches technique(HTML) 40 Page - STMicroelectronics |
|
40 / 105 page ![]() Library functions UM0324 40/105 With the following definitions for: and literature demonstrates that the space vector sector is identified by the conditions shown in Table 1. The duration of the positive pulse widths for the PWM applied on Phase A, B and C are respectively computed by the following relationships: Sector I, IV: Sector II, V: Table 1. Sector identification Y<0 Y>=0 Z<0 Z>=0 Z<0 Z>=0 X<=0 X<0 X<=0 X>0 Sector V IV III VI I II alfa V T U ∗ ∗ = 3 α beta V T U ∗ = β β U X = 2 β α U U Y + = 2 α β U U Z − = 2 Z X T t A − + = Z t t A B + = X t t B C − = 2 Z Y T t A − + = Z t t A B + = Y t t A C − = |