Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0324 Fiches technique(PDF) 90 Page - STMicroelectronics

No de pièce UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Fiches technique(HTML) 90 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 86Page - STMicroelectronics UM0324 Datasheet HTML 87Page - STMicroelectronics UM0324 Datasheet HTML 88Page - STMicroelectronics UM0324 Datasheet HTML 89Page - STMicroelectronics UM0324 Datasheet HTML 90Page - STMicroelectronics UM0324 Datasheet HTML 91Page - STMicroelectronics UM0324 Datasheet HTML 92Page - STMicroelectronics UM0324 Datasheet HTML 93Page - STMicroelectronics UM0324 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 105 page
background image
Library functions
UM0324
90/105
ADC_IRQHandler
4.10
General purpose time base: 75x_TBtimer module
4.10.1
Overview
The purpose of the 75x_TBtimer module is to generate a time base that can be used by
the other modules of the applications.
4.10.2
List of available functions and interrupt service routines
The following is a list of available functions as listed in the 75x_ TBtimer.c source file:
●
TB_StartUpInit on page 91
●
TB_Timebase_Timer_Init on page 91
●
TB_Wait on page 92
●
TB_StartUp_Timeout_IsElapsed, TB_Delay_IsElapsed, TB_DisplayDelay_IsElapsed
on page 92
●
TB_Set_Delay_500us, TB_Set_DisplayDelay_500us, TB_Set_StartUp_Timeout on
page 92
●
TB_IRQHandler on page 93
Synopsis
void ADC_IRQHandler(void)
Description
The purpose of this function is to handle the ADC interrupt
request.
The end of the stator current conversions interrupt routine (JECH
in case of ICS, EOC in case of three shunt resistors) is used to
trigger execution of the IFOC algorithm. Moreover, the general
purpose conversions are also started in this ISR.
Input
None.
Returns
None.
Functions called
IFOC_Model
In THREE_SHUNT configuration: SVPWM_3ShuntGPADCConfig
In ICS configuration: IFOC_Model
See also
Section 4.2.4 and Section 4.3.3 on page 54 for more details.