Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD16640C Fiches technique(PDF) 10 Page - Renesas Technology Corp

No de pièce PD16640C
Description  300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16640C Fiches technique(HTML) 10 Page - Renesas Technology Corp

Back Button PD16640C_15 Datasheet HTML 6Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 7Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 8Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 9Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 10Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 11Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 12Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 13Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Data Sheet S11269EJ1V1DS00
8
µµµµ PD16640C
5. RELATIONSHIP BETWEEN INPUT DATA AND OUTPUT PIN
Data format : 6 bits x RGB(3 dots)
Input width : 18 bits
(1) R,/L = H (right shift)
Output
S1
S2
S3
…
S308
S309
Data
D00 to D05
D10 to D15
D20 to D25
…
D10 to D15
D20 to D25
(2) R,/L = L (left shift)
Output
S1
S2
S3
…
S299
S300
Data
D00 to D05
D10 to D15
D20 to D25
…
D10 to D15
D20 to D25
6. OPERATION OF OUTPUT BUFFER
The output buffer consists of an operational amplifier circuit that does not perform precharge operation.
Therefore, driver output current IVOH1/2 is the charging current to the LCD, and IVOL1/2 is the discharging current.
Figure 6-1. LCD Panel Driving Waveform
(IVOL1/2/IVOH1/2
)
Write
(IVOL1/2/IVOH1/2)
VDD2
Sn
VSS2
Write
1 horizontal period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18