Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD16640C Fiches technique(PDF) 8 Page - Renesas Technology Corp

No de pièce PD16640C
Description  300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16640C Fiches technique(HTML) 8 Page - Renesas Technology Corp

Back Button PD16640C_15 Datasheet HTML 4Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 5Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 6Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 7Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 8Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 9Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 10Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 11Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Data Sheet S11269EJ1V1DS00
6
µµµµ PD16640C
Table 4-1. Relation between Input Data and Output Voltage
Input Data
DX5
DX4
DX3
DX2
DX1
DX0
Output Voltage
00H
00000
0
V0
01H
00000
1
V2 + (V1 – V2)
× 6/7
02H
00001
0
V2 + (V1 – V2)
× 5/7
03H
00001
1
V2 + (V1 – V2)
× 4/7
04H
00010
0
V2 + (V1 – V2)
× 3/7
05H
00010
1
V2 + (V1 – V2)
× 2/7
06H
00011
0
V2 + (V1 – V2)
× 1/7
07H
00011
1
V2
08H
00100
0
V3 + (V2 – V3)
× 7/8
09H
00100
1
V3 + (V2 – V3)
× 6/8
0AH
00101
0
V3 + (V2 – V3)
× 5/8
0BH
00101
1
V3 + (V2 – V3)
× 4/8
0CH
00110
0
V3 + (V2 – V3)
× 3/8
0DH
00110
1
V3 + (V2 – V3)
× 2/8
0EH
00111
0
V3 + (V2 – V3)
× 1/8
0FH
00111
1
V3
10H
01000
0
V4 + (V3 – V4)
× 7/8
11H
01000
1
V4 + (V3 – V4)
× 6/8
12H
01001
0
V4 + (V3 – V4)
× 5/8
13H
01001
1
V4 + (V3 – V4)
× 4/8
14H
01010
0
V4 + (V3 – V4)
× 3/8
15H
01010
1
V4 + (V3 – V4)
× 2/8
16H
01011
0
V4 + (V3 – V4)
× 1/8
17H
01011
1
V4
18H
01100
0
V5 + (V4 – V5)
× 7/8
19H
01100
1
V5 + (V4 – V5)
× 6/8
1AH
01101
0
V5 + (V4 – V5)
× 5/8
1BH
01101
1
V5 + (V4 – V5)
× 4/8
1CH
01110
0
V5 + (V4 – V5)
× 3/8
1DH
01110
1
V5 + (V4 – V5)
× 2/8
1EH
01111
0
V5 + (V4 – V5)
× 1/8
1FH
01111
1
V5
20H
10000
0
V6 + (V5 – V6)
× 7/8
21H
10000
1
V6 + (V5 – V6)
× 6/8
22H
10001
0
V6 + (V5 – V6)
× 5/8
23H
10001
1
V6 + (V5 – V6)
× 4/8
24H
10010
0
V6 + (V5 – V6)
× 3/8
25H
10010
1
V6 + (V5 – V6)
× 2/8
26H
10011
0
V6 + (V5 – V6)
× 1/8
27H
10011
1
V6
28H
10100
0
V7 + (V6 – V7)
× 7/8
29H
10100
1
V7 + (V6 – V7)
× 6/8
2AH
10101
0
V7 + (V6 – V7)
× 5/8
2BH
10101
1
V7 + (V6 – V7)
× 4/8
2CH
10110
0
V7 + (V6 – V7)
× 3/8
2DH
10110
1
V7 + (V6 – V7)
× 2/8
2EH
10111
0
V7 + (V6 – V7)
× 1/8
2FH
10111
1
V7
30H
11000
0
V8 + (V7 – V8)
× 7/8
31H
11000
1
V8 + (V7 – V8)
× 6/8
32H
11001
0
V8 + (V7 – V8)
× 5/8
33H
11001
1
V8 + (V7 – V8)
× 4/8
34H
11010
0
V8 + (V7 – V8)
× 3/8
35H
11010
1
V8 + (V7 – V8)
× 2/8
36H
11011
0
V8 + (V7 – V8)
× 1/8
37H
11011
1
V8
38H
11100
0
V9 + (V8 – V9)
× 6/7
39H
11100
1
V9 + (V8 – V9)
× 5/7
3AH
11101
0
V9 + (V8 – V9)
× 4/7
3BH
11101
1
V9 + (V8 – V9)
× 3/7
3CH
11110
0
V9 + (V8 – V9)
× 2/7
3DH
11110
1
V9 + (V8 – V9)
× 1/7
3EH
11111
0
V9
3FH
11111
1
V10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18