Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD16640C Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce PD16640C
Description  300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16640C Fiches technique(HTML) 5 Page - Renesas Technology Corp

  PD16640C_15 Datasheet HTML 1Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 2Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 3Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 4Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 5Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 6Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 7Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 8Page - Renesas Technology Corp PD16640C_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet S11269EJ1V1DS00
3
µµµµ PD16640C
2. PIN CONFIGURATION (
µµµµ PD16640CN-xxx)
Vsel
VSS2
VDD2
V10
V8
V6
S309
S308
V4
V2
V0
R,/L
D20
D21
D22
D23
D24
D25
STB
STHL
VDD1
CLK
VSS1
STHR
D10
D11
D12
D13
D14
D15
D00
D01
D02
D03
D04
D05
V1
V3
V5
V7
V9
VDD2
VSS2
Osel
S2
S1
INV
Copper Foil
Surface
S307
S3
Remark
Osel and Vsel pins are internally pulled up.
Therefore, the number of input pins can be reduced by opening or short-circuiting these pins to VSS2 by
means of TCP writing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18