Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0073 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce PM0073
Description  STM32Wxxx Flash memory microcontrollers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0073 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button PM0073 Datasheet HTML 26Page - STMicroelectronics PM0073 Datasheet HTML 27Page - STMicroelectronics PM0073 Datasheet HTML 28Page - STMicroelectronics PM0073 Datasheet HTML 29Page - STMicroelectronics PM0073 Datasheet HTML 30Page - STMicroelectronics PM0073 Datasheet HTML 31Page - STMicroelectronics PM0073 Datasheet HTML 32Page - STMicroelectronics PM0073 Datasheet HTML 33Page - STMicroelectronics PM0073 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Register descriptions
PM0073
32/34
Doc ID 17766 Rev 5
3.11
Flash register map
The base address of the following registers is 0x4000 4000. These registers are present in wireless line
devices only.
Table 12.
Flash interface - register map and reset values
Offset
Register
0x000
FLASH_ACR
Reserved
Reset value
11
00
00
0x004
FLASH_KEYR
FKEYR[31:0]
Reset value
x
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
x
0x008
FLASH_OPTKEYR
OPTKEYR[31:0]
Reset Value
x
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
x
0x00C
FLASH_SR
Reserved
Reset value
00
0
0
0
0x010
FLASH_CR
Reserved
Reset value
00
0
0
10
00
0
0
0
0x014
FLASH_AR
FAR[31:0]
Reset value
0
00
00
00
00
00
00
00
00
00
00
0
0
0
0
0
0
0
0
0
0
0
0x018
Reserved
0x01C
FLASH_OBR
Reserved
Reset value
00
0x020
FLASH_WRPR
WRP[31:0]
Reset value
1
11
11
11
11
11
11
11
11
11
11
1
1
1
1
1
1
1
1
1
1
1
Table 13.
Flash Clock interface - register map and reset values
Offset
Register
0x02C
FLASH_CLKER
Reserved
Reset value
0
0x030
FLASH_CLKSR
Reserved
Reset value
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34