Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3317 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce AN3317
Description  PCB guidelines for SPEAr1340
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3317 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button AN3317 Datasheet HTML 14Page - STMicroelectronics AN3317 Datasheet HTML 15Page - STMicroelectronics AN3317 Datasheet HTML 16Page - STMicroelectronics AN3317 Datasheet HTML 17Page - STMicroelectronics AN3317 Datasheet HTML 18Page - STMicroelectronics AN3317 Datasheet HTML 19Page - STMicroelectronics AN3317 Datasheet HTML 20Page - STMicroelectronics AN3317 Datasheet HTML 21Page - STMicroelectronics AN3317 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Low-inductance capacitor layout in high-frequency applications
AN3317
20/22
Doc ID 18249 Rev 2
A.2
0402 package low inductance layout
Figure 2 shows a low inductance layout for a 0402 decoupling capacitor using 2 vias with a
10 mil drill size. Note that:
●
Vias are placed close to the lands.
●
Vias of opposite polarity are place close together.
●
The trace connecting land to via is wide.
Figure 7.
0402 package low inductance layout
Table 5.
0402 packages low inductance layout dimensions
Dimension
Distance (mil)
D (land to hole)
Typically 8 to 10(1)
1.
The land to hole separation is determined by the PCB fabrication tolerances.
E (hole to hole)
Typically 30(2)
2.
Minimize this distance, consistent with PCB fabrication tolerances. If the capacitor is placed within a BGA
ball field, make dimension E the same as the ball pitch.
F (trace width)
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22