Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3317 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce AN3317
Description  PCB guidelines for SPEAr1340
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3317 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button AN3317 Datasheet HTML 14Page - STMicroelectronics AN3317 Datasheet HTML 15Page - STMicroelectronics AN3317 Datasheet HTML 16Page - STMicroelectronics AN3317 Datasheet HTML 17Page - STMicroelectronics AN3317 Datasheet HTML 18Page - STMicroelectronics AN3317 Datasheet HTML 19Page - STMicroelectronics AN3317 Datasheet HTML 20Page - STMicroelectronics AN3317 Datasheet HTML 21Page - STMicroelectronics AN3317 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
AN3317
Low-inductance capacitor layout in high-frequency applications
Doc ID 18249 Rev 2
19/22
Appendix A
Low-inductance capacitor layout in
high-frequency applications
Figure 5 shows several decoupling capacitor layouts.
Do not use layouts a or b. These layouts have inherently high inductance, and thus a high
impedance at high frequencies.
Use layout d or e for high frequency decoupling applications. These layouts have low
inductance.
●
Where space allows, use the 4-via layout (e), which has the lowest inductance but
requires more board area.
●
Where space does not permit the 4-via layout, the 2-via layout (d) is a good
compromise.
Use layout c as a last resort when there is no space for either layout d or e.
Figure 5.
Decoupling capacitor layouts
A.1
0402 package compact land pattern
An area-efficient compact land pattern facilitates PCB layout of decoupling capacitors.
Figure 6 shows a commonly used land pattern.
Figure 6.
0402 package compact land pattern
Table 4.
0402 package compact land pattern dimensions
Dimension
Distance (mil)
A20
B20
C15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22