Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3317 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce AN3317
Description  PCB guidelines for SPEAr1340
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3317 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button AN3317 Datasheet HTML 13Page - STMicroelectronics AN3317 Datasheet HTML 14Page - STMicroelectronics AN3317 Datasheet HTML 15Page - STMicroelectronics AN3317 Datasheet HTML 16Page - STMicroelectronics AN3317 Datasheet HTML 17Page - STMicroelectronics AN3317 Datasheet HTML 18Page - STMicroelectronics AN3317 Datasheet HTML 19Page - STMicroelectronics AN3317 Datasheet HTML 20Page - STMicroelectronics AN3317 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
AN3317
USB routing
Doc ID 18249 Rev 2
17/22
6.1
USB decoupling and reference resistor
Place decoupling capacitors as close as possible to the power balls (preferably directly
under the power balls) using short, wide connecting traces.
Placing decoupling capacitors at a distance degrades performance, which can result in
interoperability problems and specification compliance violations.
Table 3.
USB power, ground, and reference guidelines
Pin
Guideline
*vss*
Connect all vss pins directly to internal PCB ground plane
*vdd*
Connect all vdd pins to 100 nF capacitor under ball using short wide trace
USB_TXRTUNE
43.2
Ω resistor to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22