| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3317 Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3317 Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 22 page ![]() TDR test traces AN3317 18/22 Doc ID 18249 Rev 2 7 TDR test traces Add test traces to all PCB designs on all signal layers. It is simple to add a single trace of nominal impedance between 8 to 15 cm long on each signal layer (it does not have to be straight) to all designs, and can it always be placed where it will not impact the functional design, for example, usually along the board perimeter. Include a test point pattern that matches your TDR probe. Test traces are invaluable in validating PCB impedance parameters. 8 Layer order check Include a visual feature (stair step numbered windows) to verify layer ordered in all PCB layouts. This is most commonly located along one edge of the board. |